|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Composite Swing-Arm Strain Relief with Composite EMI/RFI Shield Sock & Optional Split Ring CONNECTOR DESIGNATOR: Connector Designator (A, F and H) Product Series Basic Number Shell Size (See Table I) 319-065 Self-Locking Rotatable Coupling EMI Shielding Accessories A - MIL-DTL-5015 / -26482 / -83723 F - MIL-DTL-38999 Series I, II H - MIL-DTL-38999 Series III and IV SELF-LOCKING ROTATABLE COUPLING 319 A 065 XO Finish Symbol (See Table III) 16 R Termination R - Split Ring (687-207) and Band (600-052) Supplied (Omit if Not Required) U.S. PATENT NO. 6419519 Anti-Rotation Device (Typ) EMI Shroud (Typ) A Thread (Typ) J L G Captivated Self-Locking Telescoping Screws (Typ) E (Typ) Closed D F (Typ) B K (Typ) (Typ) Straight Position H Flats (Typ) Composite 75% - 25% Braid .062 (1.8) Min .250 (6.4) Max Screw Protrusion (Typ) 90 Position Captive PositionScrew locks Swing Arm in 45 increments (See Notes 2, 3) 45 Position Screw Head same side (Typ) Optional Split RingP/N 687-207 (Page H-16) (See Note 2) H (c) 2008 Glenair, Inc. www.glenair.com CAGE Codes 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com H-8 Composite Swing-Arm Strain Relief with Composite EMI/RFI Shield Sock & Optional Split Ring See Page H-2 for Table I: Backshell Interface Dimensions TABLE I: CONNECTOR SHELL SIZE ORDER NUMBER Shell Size for Connector Designator* B Dia D AFH Max Max 08 08 09 .812 (20.6) .980 (24.9) 10 10 11 .938 (23.8) 1.050 (26.7) 12 12 13 1.125 (28.6) 1.200 (30.5) 14 14 15 1.250 (31.8) 1.300 (33.0) 16 16 17 1.375 (34.9) 1.440 (36.6) 18 18 19 1.500 (38.1) 1.560 (39.6) 20 20 21 1.625 (41.3) 1.690 (42.9) 22 22 23 1.750 (44.5) 1.770 (45.0) 24 24 25 1.875 (47.6) 1.890 (48.0) E F G Min Max .220 (5.9) 1.060 (26.9) .270 (6.9) 1.090 (27.7) .350 (8.9) 1.180 (30.0) .470 (11.9) 1.240 (31.5) .550 (14.0) 1.320 (33.5) .620 (15.7) 1.390 (35.3) .700 (17.8) 1.550 (39.4) .780 (19.8) 1.550 (39.4) .850 (21.6) 1.610 (40.9) H Flats J Max Min .06 .750 (19.1) .736 (18.7) .940 .875 (22.2) .860 (21.8) .970 1.000 (25.4) .980 (24.9) 1.030 1.125 (28.6) 1.100 (27.9) 1.090 1.250 (31.8) 1.224 (31.1) 1.120 1.375 (34.9) 1.469 (37.3) 1.150 1.500 (38.1) 1.500 (38.1) 1.180 1.625 (41.3) 1.581 (40.2) 1.250 1.750 (44.5) 1.960 (49.8) 1.280 K L (1.5) Ref Min (23.9) .265 (6.7) 7.000 (177.8) (24.6) .370 (9.4) 7.000 (177.8) (26.2) .506 (12.9) 7.000 (177.8) (27.7) .580 (14.7) 9.000 (228.6) (28.4) .705 (17.9) 11.000 (279.4) (29.2) .784 (19.9) 11.000 (279.4) (30.0) .909 (23.1) 11.000 (279.4) (31.8)1.034 (26.3) 11.000 (279.4) (32.5)1.149 (29.2) 11.000 (279.4) .06 .265 .310 .390 .506 .591 .661 .744 .826 .896 (1.5) (6.7) (7.9) (9.9) (12.9) (15.0) (16.8) (18.9) (21.0) (22.8) **Consult factory for additional entry sizes available. TABLE II: FINISHES Symbol XB Finish Composite Material, No Plating, Color Black, Brass Interface Shroud and Adapter - Nickel Plated Ni-PTFE 1000 Hour GreyTM (Nickel-Fluorocarbon Polymer Composite Material, No Plating, Color Black and Brown, Brass Interface Shroud and Adapter Selectively Cadmium Plated Composite Material, No Plating, Color Black and Brown, Brass Interface Shroud and Adapter Nickel Plated Cadmium Olive Drab over Electroless Nickel XMT* XN XO XW* * Note: Coupling Nut, Saddle Bars and Arms supplied unplated. APPLICATION NOTES 1. 2. 3. Glenair series 600 Backshell assembly Tools are recommended for assembly and installation. Swing Arm locks in 45 increments-Sizes 08 thru 24, additional positioning increments are manufacturer's option. Captive Screw remains engaged to the body when positioning the Arm. When tightened, the Screw shall not protrude into the inside surfaces. 4. Fits Connector Designators: MIL-DTL-38999 Series I, II (F), MIL-DTL-38999 Series III and IV (H), MIL-DTL-5015 (A), and MIL-DTL-26482 (A) Metric dimensions (mm) are in parentheses and are for reference only. (c) 2008 Glenair, Inc. www.glenair.com CAGE Codes 06324 Printed in U.S.A. GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com H-9 EMI Shielding Accessories 319-065 Self-Locking Rotatable Coupling H |
Price & Availability of 319A065XMT18R |